PART |
Description |
Maker |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
ZXCL330E5 ZXCL280 ZXCL280E5 ZXCL280H5 ZXCL1250H5 Z |
ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS IC-SM-2.6V 150MA LDO REG Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 IC-SM-2.8V 150MA LDO REG
|
ZETEX[Zetex Semiconductors] Vishay Semiconductors ZETEX PLC
|
LNJ816C8DRU |
High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator SINGLE COLOR LED, ORANGE, 1.2 mm
|
Panasonic, Corp.
|
AP1116Y50LA AP1116Y50L AP1116Y33A AP1116 AP1116Y A |
0.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator VOLTAGE REG POS 5V 100MA TO-92
|
ETC[ETC] ANACHIP[Anachip Corp]
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
MIC37152WR MIC37150-2.5BR MIC37150-3.3BR MIC37151- |
1.5A, Low Voltage 渭Cap LDO Regulator 1.5A, Low Voltage μCap LDO Regulator IC REG LDO 1.5A 1.5V 5SPAK 1.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5
|
Micrel Semiconductor, Inc.
|
AMC2951 AMC2950 |
100 MA LOW DROPOUT VOLTAGE REGULATOR
|
ADD Microtech Corp ETC[ETC] List of Unclassifed Manufacturers
|
LP2950AS LP2950AS-3.0 LP2950AS-3.3 LP2950AS-5.0 LP |
100 mA Low Dropout Voltage Regulators
|
Sipex Corporation
|
LP295005 LP2950-XX-D08-T LP2951 LP2950 LP2950-30-D |
100 mA LOW-DROPOUT VOLTAGE REGULATOR 一?毫安低压差电压调节
|
??『绉???′唤?????? Unisonic Technologies Co., Ltd. UTC[Unisonic Technologies] 友顺科技股份有限公司 http://
|
MIC3775-1.5BMM MIC3775-1.5YMM MIC3775-1.65BMM MIC3 |
750mA 渭Cap Low-Voltage Low-Dropout Regulator 750mA μCap Low-Voltage Low-Dropout Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Micrel Semiconductor MICREL INC
|
LP2950 LP2951 |
(LP2950 / LP2951) 100 mA Low Dropout Voltage Regulators
|
Sipex Corporation
|